|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Micrel, Inc. 3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR Precision Edge(R) SY10ELT21L Precision Edge(R) SY100ELT21L SY10ELT21L SY100ELT21L FEATURES s s s s s s s 3.3V power supply 2.0ns typical propagation delay Low power Differential LVPECL inputs 24mA TTL outputs Flow-through pinouts Available in 8-pin SOIC package Precision Edge(R) DESCRIPTION The SY10/100ELT21L are single differential LVPECLto-LVTTL translators using a single +3.3V power supply. Because LVPECL (Low Voltage Positive ECL) levels are used, only +3.3V and ground are required. The small outline 8-lead SOIC package and low skew single gate design make the ELT21L ideal for applications that require the translation of a clock or data signal where minimal space, low power, and low cost are critical. VBB allows a differential, single-ended, or AC-coupled interface to the device. If used, the VBB output should be bypassed to VCC with 0.01F capacitor. Under open input conditions, the /D will be biased at a VCC/2 voltage level and the D input will be pulled to ground. This condition will force the Q output low to provide added stability. The ELT21L is available in both ECL standards: the 10ELT is compatible with positive ECL 10H logic levels, while the 100ELT is compatible with positive ECL 100K logic levels. PIN NAMES Pin Q D, /D VCC VBB GND TTL Output Differential LVPECL Inputs +3.3V Supply Reference Output Ground Function Precision Edge is a registered trademark of Micrel, Inc. M9999-031506 hbwhelp@micrel.com or (408) 955-1690 Rev.: D Amendment: /0 1 Issue Date: March 2006 Micrel, Inc. Precision Edge(R) SY10ELT21L SY100ELT21L PACKAGE/ORDERING INFORMATION Ordering Information(1) NC 1 D2 PECL TTL 8 VCC 7Q 6 NC 5 GND Part Number SY10ELT21LZC SY10ELT21LZCTR(2) SY100ELT21LZC SY100ELT21LZCTR(2) Package Type Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Operating Range Commercial Commercial Commercial Commercial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Package Marking HEL21L HEL21L XEL21L XEL21L HEL21L HEL21L XEL21L XEL21L HEL21L with Pb-Free bar-line indicator HEL21L with Pb-Free bar-line indicator XEL21L with Pb-Free bar-line indicator XEL21L with Pb-Free bar-line indicator Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Pb-Free NiPdAu Pb-Free NiPdAu Pb-Free NiPdAu Pb-Free NiPdAu D3 VBB 4 8-Pin SOIC (Z8-1) SY10ELT21LZI SY10ELT21LZITR(2) SY100ELT21LZI SY100ELT21LZITR(2) SY10ELT21LZG(3) SY10ELT21LZGTR(2, 3) SY100ELT21LZG(3) SY100ELT21LZG(TR(2, 3) Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs. M9999-031506 hbwhelp@micrel.com or (408) 955-1690 2 Micrel, Inc. Precision Edge(R) SY10ELT21L SY100ELT21L ABSOLUTE MAXIMUM RATINGS(1) Symbol VCC VI VO IO TLEAD Tstore TA Paramter Power Supply Voltage PECL Input Voltage Voltage Applied to Output at HIGH State Current Applied to Output at LOW State Lead Temperature (soldering, 20sec.) Storage Temperature Operating Temperature Value -0.5 to +3.8 0V to VCC+0.5 -0.5 to VCC Twice the Rated IOL +260 -65 to +150 -40 to +85 Unit V V V mA C C C TRUTH TABLE D L H Open /D H L Open Q L H L NOTE: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. TTL DC ELECTRICAL CHARACTERISTICS VCC = +3.3V 5% TA = -40C Symbol IOS ICC VOH VOL Parameter Output Short Circuit Current Power Supply Current Output HIGH Voltage Output LOW Voltage Min. -80 -- 2.0 -- Max. -275 20 -- 0.5 TA = 0C Min. -80 -- 2.0 -- Max. -275 20 -- 0.5 TA = +25C Min. -80 -- 2.0 -- Typ. -- 14 -- -- Max. -275 20 -- 0.5 TA = +85C Min. -80 -- 2.0 -- Max. -275 20 -- 0.5 Unit mA mA V V IOH = -3.0mA IOL = 24mA Condition VOUT = 0V PECL DC ELECTRICAL CHARACTERISTICS VCC = +3.3V 5% TA = -40C Symbol IIH IIL VIH VIL VBB Parameter Input HIGH Current Input LOW Current D /D Min. -- 0.5 -300 Max. 150 -- -- TA = 0C Min. -- 0.5 -300 2130 2135 1350 1490 1920 1920 Max. 150 -- -- 2460 2420 1820 1825 2030 2040 TA = +25C Min. -- 0.5 -300 2170 2135 1350 1490 1950 1920 Typ. -- -- -- -- -- -- -- 2000 1980 Max. 150 -- -- 2490 2420 1820 1825 2050 2040 TA = +85C Min. -- 0.5 -300 Max. 150 -- -- Unit A A mV mV mV Condition Input HIGH Voltage(2) 10ELT 100ELT Input LOW Voltage(2) Reference Output(2) 10ELT 100ELT 10ELT 100ELT 2070 2410 2135 2420 1350 1800 1490 1825 1870 2000 1920 2040 2240 2580 2135 2420 1350 1855 1490 1825 1990 2110 1920 2040 NOTES: 1. These values are for VCC = 3.3V. Level Specifications will vary 1:1 VCC. M9999-031506 hbwhelp@micrel.com or (408) 955-1690 3 Micrel, Inc. Precision Edge(R) SY10ELT21L SY100ELT21L AC ELECTRICAL CHARACTERISTICS VCC = +3.3V 5% TA = -40C Symbol tPLH tPHL tskpp fMAX VCMR VPP tr tf Parameter Propagation Delay Part-to-Part Skew(1,2) Maximum Input Frequency(2,3,4) Min. 1.5 -- 275 1.2 100 0.5 Max. 2.5 0.5 -- VCC -- 1.0 TA = 0C Min. 1.5 -- 275 1.2 100 0.5 Max. 2.5 0.5 -- VCC -- 1.0 TA = +25C Min. 1.5 -- 275 1.2 100 0.5 Typ. 2.0 -- -- -- -- -- Max. 2.5 0.5 -- VCC -- 1.0 TA = +85C Min. 1.5 -- 275 1.2 100 0.5 Max. 2.5 0.5 -- VCC -- 1.0 Unit ns ns MHz V mV ns CL = 20pF Condition CL = 20pF CL = 20pF CL = 20pF Common Mode Range Minimum Peak-to-Peak Input(5) Output Rise/Fall Time (1.0V to 2.0V) NOTES: 1. Part-to-Part Skew considering HIGH-to-HIGH transitions at common VCC level. 2. These parameters are guaranteed but not tested. 3. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing. 4. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater. 5. 100mV input guarantees full logic at output. M9999-031506 hbwhelp@micrel.com or (408) 955-1690 4 Micrel, Inc. Precision Edge(R) SY10ELT21L SY100ELT21L 8-PIN SOIC .150" WIDE (Z8-1) Rev. 03 MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 TEL USA + 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-031506 hbwhelp@micrel.com or (408) 955-1690 5 |
Price & Availability of SY100ELT21LZG |